Part Number Hot Search : 
2SB786 BAT54 S510B TMP95C 1N538 60041 CKFIAAAA K2200
Product Description
Full Text Search
 

To Download HD74HC175 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC175
Quad. D-type Flip-Flops (with Clear)
REJ03D0585-0300 Rev.3.00 Jan 31, 2006
Description
Information at the D inputs of the HD74HC175 is transferred to the Q and Q outputs on the positive going edge of the clock pulse. Both true and compliment outputs from each flip-flop are externally available. All four flip-flops are controlled by a common clock and a common clear. Clearing is accomplished by a negative pulse at the clear input. All four Q outputs are cleared to a logic low level and all four Q outputs to a logic high level.
Features
* * * * * * High Speed Operation: tpd (Clock to Q) = 14 ns typ (CL = 50 pF) High Output Current: Fanout of 10 LSTTL Loads Wide Operating Voltage: VCC = 2 to 6 V Low Input Current: 1 A max Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C) Ordering Information
Part Name HD74HC175P Package Type DILP-16 pin Package Code (Previous Code) Package Abbreviation -- ELL (2,000 pcs/reel) Taping Abbreviation (Quantity)
PRDP0016AE-B P (DP-16FV) PTSP0016JB-A HD74HC175TELL TSSOP-16 pin T (TTP-16DAV) Note: Please consult the sales office for the above package availability.
Function Table
Clear L H H H High level Low level Irrelevant Inputs Clock X Output D X H L X Q L H L no change Q H L H
L
H: L: X:
Rev.3.00, Jan 31, 2006 page 1 of 6
HD74HC175
Pin Arrangement
Clear 1 1Q 2 1Q 3 1D 4 2D 5 2Q 6 2Q 7 GND 8 (Top view)
D CK Q CLR Q D Q CK CLR Q Q CLR CK Q D CLR Q CK Q D
16 VCC 15 4Q 14 4Q 13 4D 12 3D 11 3Q 10 3Q 9 Clock
Logic Diagram
1D D CK Clock 2D CK CL D CK CK CL 3D D CK CK CL 4D D CK CK CL Clear 4Q Q 3Q Q 2Q Q 1Q 2Q Q 1Q
3Q
4Q
Rev.3.00, Jan 31, 2006 page 2 of 6
HD74HC175
Absolute Maximum Ratings
Item Supply voltage range Input / Output voltage Input / Output diode current Output current VCC, GND current Power dissipation Storage temperature Symbol VCC Vin, Vout IIK, IOK IO ICC or IGND PT Tstg Ratings -0.5 to 7.0 -0.5 to VCC +0.5 20 25 50 500 -65 to +150 Unit V V mA mA mA mW C
Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Input / Output voltage Operating temperature Input rise / fall time*1 Note: Symbol VCC VIN, VOUT Ta tr, tf Ratings 2 to 6 0 to VCC -40 to 85 0 to 1000 0 to 500 0 to 400 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics. Unit V V C ns Conditions
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
Electrical Characteristics
Item Input voltage Symbol VCC (V) VIH 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0 Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.18 5.68 -- -- -- -- -- -- -- Ta = 25C Typ Max -- -- -- -- -- -- 2.0 4.5 6.0 -- -- 0.0 0.0 0.0 -- -- -- -- -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.26 0.26 0.1 4.0 Ta = -40 to+85C Unit Min Max 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.13 5.63 -- -- -- -- -- -- -- -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 1.0 40 V Test Conditions
VIL
V
Output voltage
VOH
V
Vin = VIH or VIL IOH = -20 A
VOL
V
Vin = VIH or VIL
IOH = -4 mA IOH = -5.2 mA IOL = 20 A
Input current Quiescent supply current
Iin ICC
IOL = 4 mA IOL = 5.2 mA A Vin = VCC or GND A Vin = VCC or GND, Iout = 0 A
Rev.3.00, Jan 31, 2006 page 3 of 6
HD74HC175
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Item Maximum clock frequency Propagation delay time Symbol VCC (V) fmax 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -- Ta = 25C Ta = -40 to +85C Unit Min Typ Max Min Max -- -- -- -- -- -- -- -- -- 100 20 17 5 5 5 100 20 17 80 16 14 -- -- -- -- -- -- -- -- 14 -- -- 14 -- -- 3 - -- -1 -- -- -1 -- -- 9 -- -- 5 -- 5 6 30 35 150 30 26 185 37 31 -- -- -- -- -- -- -- -- -- -- -- -- 75 15 13 10 -- -- -- -- -- -- -- -- -- 125 25 21 5 5 5 125 25 21 100 20 17 -- -- -- -- 5 24 28 190 38 33 230 46 39 -- -- -- -- -- -- -- -- -- -- -- -- 95 19 16 10 MHz Test Conditions
tPLH, tPHL
ns
Clock to Q or Q
ns
Clear to Q or Q
Setup time
tsu
ns
Data to Clock
Hold time
th
ns
Clock to Data
Removal time
trem
ns
Clear to Clock
Pulse width
tw
ns
Clock, Clear
Output rise/fall time Input capacitance
tTLH, tTHL
ns
Cin
pF
Test Circuit
Measurement point
CL*
Note: CL includes the probe and fig capacitance.
Rev.3.00, Jan 31, 2006 page 4 of 6
HD74HC175
Waveforms
* Waveform - 1
tr
90 % 50 % 10 % 90 % 50 % 10 % 50 %
tf VCC 0V
Data
t su tr Clock
10 %
th tf
90 % 50 % 50 % 10 %
t su
th
VCC
50 %
tw t PLH Q
10 % 90 % 50 %
tw t PHL
90 % 50 % 10 %
0V
VOH VOL
t PHL Q
t TLH
t PLH
50 % 10 %
t THL
90 %
VOH VOL
50 % 10 %
t THL
t TLH
* Waveform - 2
90 % 50 % 10 %
tf
tr 90 % 50 % 10 % tw tf 90 % 50 % 10 % tw 90 % 50 % 10 % t THL t PLH 90 % tr 90 % 50 % 10 % t PLH 90 % 50 % 10 % t TLH t PHL 90 % 50 % 10 % t THL VOH VOL VOL VOH VCC 0V VCC 0V
Clear
Clock
t rem t PHL Q
Q
50 % 10 % t TLH Note : Clock Input : PRR 1 MHz, Zo = 50 , tr 6 ns, tf 6 ns Data Input : PRR 500 kHz
Rev.3.00, Jan 31, 2006 page 5 of 6
HD74HC175
Package Dimensions
JEITA Package Code P-DIP16-6.3x19.2-2.54 RENESAS Code PRDP0016AE-B Previous Code DP-16FV MASS[Typ.] 1.05g
D
16
9
1 0.89 b3
8
Z
E
A1
A
Reference Symbol
Dimension in Millimeters Min Nom 7.62 19.2 6.3 20.32 7.4 5.06 0.51 0.40 0.48 1.30 0.19 0 2.29 2.54 0.25 0.31 15 2.79 1.12 2.54 0.56 Max
e D E
L
1
A A1
e
bp
e1
b c b c
p 3
e Z ( Ni/Pd/Au plating ) L
JEITA Package Code P-TSSOP16-4.4x5-0.65
RENESAS Code PTSP0016JB-A
Previous Code TTP-16DAV
MASS[Typ.] 0.05g
*1
D F
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
16
9
bp
*2
HE
E
c
Reference Symbol
Dimension in Millimeters Min Nom 5.0 4.40 Max 5.3
Index mark
Terminal cross section ( Ni/Pd/Au plating )
D E A2 A1 0.03
0.07
0.10 1.10
1 Z e
*3
8 bp L1 x M
A bp b1 c c
1
0.15
0.20
0.25
0.10
0.15
0.20
A
HE
0 6.20 6.40 0.65
8 6.60
A1
L
e x y
0.13 0.10 0.65 0.4
1
y
Detail F
Z L L 0.5 1.0
0.6
Rev.3.00, Jan 31, 2006 page 6 of 6
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD74HC175

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X